Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5861GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5861GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5861GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5861GS Datasheet HTML 1Page - Leadtrend Technology LD5861GS Datasheet HTML 2Page - Leadtrend Technology LD5861GS Datasheet HTML 3Page - Leadtrend Technology LD5861GS Datasheet HTML 4Page - Leadtrend Technology LD5861GS Datasheet HTML 5Page - Leadtrend Technology LD5861GS Datasheet HTML 6Page - Leadtrend Technology LD5861GS Datasheet HTML 7Page - Leadtrend Technology LD5861GS Datasheet HTML 8Page - Leadtrend Technology LD5861GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LD5861
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5861-DS-00
April 2013
Electrical Characteristics
(VCC=12V, TA=25C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Power (VCC)
Turn On Level
UVLO(on)
8.7
V
Turn Off Level
UVLO(off)
7
V
Shutdown Current
DIM=Low, over 200ms
40
A
Standby Current
DIM=Low
1
mA
Operating Current
DIM=High,
Switching at no load
5
mA
Boost Converter
Switching frequency
166
180
194
KHz
Boost Maximum duty cycle
Switching frequency=180KHz
85
90
95
%
DRV gate drive
Source current, VIN=12V
1.2
A
Sink current, VIN=12V
1.3
A
DRV Output High Clamp Level
VCC=24V
14
V
DRV pin Rising Time
DRV pin load=1nF
75
ns
DRV pin Falling Time
DRV pin load=1nF
75
ns
COMP clamp voltage
3.6
3.8
4.0
V
Feedback (FB)
Reference Voltage
0.3
V
Tolerance of Reference Voltage
-2.0
2.0
%
PWM Dimming (DIM)
DIM Voltage threshold
Enable
2
V
Disable
0.8
V
Resistance from DIM pin to GND
600
K
PWM dimming frequency
0.1
1
KHz
Dimming Duty-Cycle
0
100
%
Shutdown Recover Delay Time
(TDOWN)
(Note 1)
200
ms
Current Sensing (CS)
Current Sense Input Threshold
Voltage
0.475
0.5
0.525
V
LEB time
275
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com