Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7591GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7591GS
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7591GS Datasheet HTML 8Page - Leadtrend Technology LD7591GS Datasheet HTML 9Page - Leadtrend Technology LD7591GS Datasheet HTML 10Page - Leadtrend Technology LD7591GS Datasheet HTML 11Page - Leadtrend Technology LD7591GS Datasheet HTML 12Page - Leadtrend Technology LD7591GS Datasheet HTML 13Page - Leadtrend Technology LD7591GS Datasheet HTML 14Page - Leadtrend Technology LD7591GS Datasheet HTML 15Page - Leadtrend Technology LD7591GS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LD7591
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
Fig. 17 shows typical ZCD-related waveforms. Rz1 will
produce some delay because of the capacitance carried
by ZCD pin, it therefore delay the turn-on time accordingly.
The switch will be turned on when the inductor current
reaches zero; because of the structure of the ZCD delay,
it will be turned on after some delay time. During this
delay time, the stored charge of the COSS (MOSFET
output capacitor) will be discharged through the path
indicated in Fig. 18. This charge is transferred into a small
filter capacitor CIN1, which is connected to the bridge
diode. Therefore, there is no current flowing from the
input side. That is, the input current IIN is zero during this
period. In order to reduce the negative current flowing to
the internal diode, a larger resistance of RZ1 over 47kΩ is
recommended.
Fig. 17
Fig. 18
Ramp Generator Block
The output of the gm error amplifier and the output of the
ramp generator block are compared to determine the
MOSFET on time, as shown in Fig. 19. The slope of the
ramp is determined by an external resistor connected to
the RAMP pin. The voltage of the RAMP pin is 2.9V and
the slope is proportional to the current flowing out of the
RAMP pin. The internal ramp signal has a 1V offset;
therefore, the drive output will be shut down if the voltage
of the COMP pin is lower than 0.95V. The programmed
on-time will be at its maximum when the COMP pin is
open. The COMP pin open voltage is about 5.4~6.6V.
According to the slope of the internal ramp, the maximum
on-time can be programmed. The necessary maximum
on-time will be achieved depending on the boost inductor,
lowest AC line voltage, and maximum output power. The
resistor value should be designed properly. The
maximum on-time can be obtained from below
9
RAMP
)
MAX
(
Time
ON
10
58
.
1
R
T
⋅
=
−
Fig. 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com