Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7831 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7831
Description  High Power Factor Primary Side Flyback LED Controller With HV Start-up
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7831 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7831 Datasheet HTML 9Page - Leadtrend Technology LD7831 Datasheet HTML 10Page - Leadtrend Technology LD7831 Datasheet HTML 11Page - Leadtrend Technology LD7831 Datasheet HTML 12Page - Leadtrend Technology LD7831 Datasheet HTML 13Page - Leadtrend Technology LD7831 Datasheet HTML 14Page - Leadtrend Technology LD7831 Datasheet HTML 15Page - Leadtrend Technology LD7831 Datasheet HTML 16Page - Leadtrend Technology LD7831 Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD7831
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7831-DS-00 April 2014
Output OVP on ZCD
When the LED string open circuit occurs, the reflected
output voltage of aux-winding will cause ZCD voltage up.
If the ZCD voltage runs up to 3.5V, LD7831 will shut the
gate off until the 2nd cycle of Vcc hiccup is tripped, as
shown in Fig. 17. The selection of output OVP level is
subject to ZCD divide resistance as the below equation:
3.5V
R
R
R
N
N
V
Z2
Z1
Z2
S
VCC
OVP
ZCD
OVP Level
t
ZCD OVP
Tripped
t
OUT
Switching
Switching
Non-Switching
Vout
t
Vcc
t
LED Opened
UVLO(on)
UVLO(off)
Fig. 17.
LED Short Protection (ZCD UVP)
– Auto
Recovery
To protect the circuit from damage due to LED short, an
auto-recovery
type
of
ZCD
UVP
protection
is
implemented for it. Fig. 18 shows the waveforms of the
ZCD UVP operation. As LED shorts, the reflected output
voltage of aux-winding will cause ZCD voltage drop. If
the ZCD voltage decreases below 0.5V for over the
delay time of ZCD UVP, the protection will be activated
to turn off the gate until the 4th cycle of Vcc hiccup is
tripped. The ZCD UVP delay time is to prevent the
false-triggering.
Nvcc/Ns
∙V
OUT
ZCD
UVP Level
t
ZCD UVP
Tripped
t
OUT
Switching
Switching
Non-Switching
Aux-winding
voltage
t
Vcc
t
LED Shorted
ZCD UVP
Delay Time
UVLO(on)
UVLO(off)
GND
ZCD UVP
Delay Time
-Nvcc/Np
∙ V
IN
Fig. 18.
OVP (Over Voltage Protection) on Vcc
The maximum rating of the VCC pin is limited below 28V.
To protect VCC from damage due to fault condition, the
LD7831 is implemented with OVP function on Vcc pin.
As soon as the VCC voltage is over OVP threshold
(28V), the output gate drive circuit will be shutdown
simultaneously thus to stop the switching of the power
MOSFET until the second UVLO(on) arrives. The Vcc
OVP function of the LD7831 is an auto-recovery
protection. The Fig. 19 shows its operation. Upon
removal of the OVP condition will resume the VCC level
and the output operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com