Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7833VGS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7833VGS
Description  High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7833VGS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7833VGS Datasheet HTML 2Page - Leadtrend Technology LD7833VGS Datasheet HTML 3Page - Leadtrend Technology LD7833VGS Datasheet HTML 4Page - Leadtrend Technology LD7833VGS Datasheet HTML 5Page - Leadtrend Technology LD7833VGS Datasheet HTML 6Page - Leadtrend Technology LD7833VGS Datasheet HTML 7Page - Leadtrend Technology LD7833VGS Datasheet HTML 8Page - Leadtrend Technology LD7833VGS Datasheet HTML 9Page - Leadtrend Technology LD7833VGS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD7833V
01/20/2015
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7833V-DS-00 January 2015
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Current Sensing (CS Pin)
Current Sense Input Threshold
Voltage
VOCP
-
1.37
-
V
During phase low
VOCP_L
-
0.1
-
V
Soft Start Time
VOCP:0.4~1.37, *
VOCP_ST
-
10
-
ms
LEB Time
TLEB
-
450
-
ns
Zero Current Detector (ZCD Pin)
Upper Clamp Voltage
VZH
-
4.6
-
V
Lower Clamp Voltage
VZL
-0.3
-
0
V
Input Voltage Threshold
VZCD
-
0.2
-
V
Hysteresis
∆ZCD
-
0.1
-
V
ZCD Blanking Time
TBNK_ZCD
-
2
-
s
UVP Detect Level
VUVP
-
0.5
-
V
UVP Delay Time
*
TUVP
-
40
-
ms
ZCD OVP
VZOVP
3.8
4
4.2
V
ZCD OVP De-bounce
*
TZOVP
-
250
-
s
Minimum (ON+OFF)-Time
Minimum ON+OFF-Time
FS,MAX(300kHZ)
TS_MAX
2.83
3.33
3.83
s
Gate Drive Output (OUT Pin)
Output High Clamp Level
VCC=16V
VG_CLAMP
-
12
-
V
Rising Time
VCC =15V, CL=1000pF, *
TG_RISE
-
90
-
ns
Falling Time
VCC =15V, CL=1000pF, *
TG_FALL
-
50
-
ns
Time Out
Time Out
After Soft Start
TIMEOUT2
-
150
-
s
During Soft Start
TIMEOUT1
45
55
65
s
Internal OTP (Over Temp. Protection)
OTP Trip Level
*
OTP
-
140
-
C
OTP Hysteresis
*
∆OTP
-
30
-
C
*: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com