Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD9852 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD9852
Description  Non-isolation Buck Solution High Power Factor LED Controller with MOS Integrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9852 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD9852 Datasheet HTML 5Page - Leadtrend Technology LD9852 Datasheet HTML 6Page - Leadtrend Technology LD9852 Datasheet HTML 7Page - Leadtrend Technology LD9852 Datasheet HTML 8Page - Leadtrend Technology LD9852 Datasheet HTML 9Page - Leadtrend Technology LD9852 Datasheet HTML 10Page - Leadtrend Technology LD9852 Datasheet HTML 11Page - Leadtrend Technology LD9852 Datasheet HTML 12Page - Leadtrend Technology LD9852 Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LD9852
02/17/2015
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9852-DS-00 February 2015
Fig. 15 illustrates the operation of over voltage
protection, where ZCD divider resistors continue to
detect the output voltage as the gate switches in off
state and return the information to ZCD. If the output
voltage increases to trip the threshold, it will signal that
there may be some LED(s) open.
The LD9852 will
then discharge VCC with a souring current (ICC_PRO) till
VCC drops to UVLO(OFF) level. LD9852 will shut down
its operation until VCC rises up to next UVLO (ON) level.
If the open situation remains still, the system will enter to
hiccup mode.
Fig. 15
Programming Maximum ON-time
LD9852 features adjustable maximum ON-time to limit
power output in abnormal operation. The selection of
maximum ON-time is subject to ZCD resistance as
shown in Fig. 16. ZCD resistance can be obtained from
below:
ZCD
RUP
RDOWN
Fig. 16
The following table is a suggestion for maximum
ON-time setting.
RZCD
(Ω)
Max. Ton
(Typ.)
Suggestion
(Ω)
44k<RZCD
15
s
46k
28k<RZCD<32k
21
s
30k
RZCD<20k
29
s
18k
LED Short Protection
If some LED is in short condition, VCC will drop to UVLO
(OFF) level and disable the LD9852. The LD9852 will
not resume operation until VCC rises up to next UVLO
(ON) level. If the short condition remains still, the system
will enter to hiccup mode.
Over Current Protection (OCP)
The LD9852 detects the MOSFET current from the
Source pin, which is for the pulse-by-pulse current limit
and output current feedback. The maximum voltage
threshold of the Source pin is set at 1.2V. From above,
the MOSFET peak current can be obtained from below.
ZCD
t
ZCD OVP
Tripped
t
OUT
Switching
Switching
Non-Switching
Output
Voltage
t
VCC
t
LED Opened
Vout
UVLO(ON)
UVLO(OFF)
OVP
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com