Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3595 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3595
Description  The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3595 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3595 Datasheet HTML 1Page - National Semiconductor (TI) LM3595 Datasheet HTML 2Page - National Semiconductor (TI) LM3595 Datasheet HTML 3Page - National Semiconductor (TI) LM3595 Datasheet HTML 4Page - National Semiconductor (TI) LM3595 Datasheet HTML 5Page - National Semiconductor (TI) LM3595 Datasheet HTML 6Page - National Semiconductor (TI) LM3595 Datasheet HTML 7Page - National Semiconductor (TI) LM3595 Datasheet HTML 8Page - National Semiconductor (TI) LM3595 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3V to 6.0V
EN, BR-ON, BRGT
-0.3V to
(V
IN+ 0.3V) w/
6.0V max
Junction Temperature (T
J-MAX-ABS)
150˚C
Continuous Power Dissiation
(Note 3)
Internally Limited
Storage Temperature Range
-65˚C to 150˚C
Lead Temperature
(Soldering, 5 Sec.)
260˚C
ESD Rating (Note 4)
Human-body model
Machine model
2kV
200V
Operating Ratings
(Notes 1, 2)
Input Voltage Range (Note 5)
3.0V to 5.5V
Output Voltage Range (Note 5)
2.0V to 5.5V
Junction Temperature Range
(Note 6)
-40˚C to 105˚C
Ambient Temperature Range
(Note 6)
-40˚C to 85˚C
Thermal Information
Junction-to-Ambient Thermal
Resistance, LLP-10 Package (
θ
JA)
(Note 7)
55˚C/W
Electrical Characteristics
(Notes 2, 8)
Limits in standard typeface and typical values apply for T
J =25
oC. Limits in boldface type apply over the operating junction
temperature range. Unless otherwise specified: V
IN = 5V, VOUTX = 3.6V, RSET = 8.25k
Ω, V(EN) = V
IN, V(BR-ON) = 0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
OUTX
Output Current Regulation
(Note 5)
3.0V
≤ V
IN
≤ 5.5V
2.0V
≤ V
OUTX
≤ (V
IN - 0.7V)
R
SET = 4.99k
22.54
(-8%)
24.5
26.46
(+8%)
mA
(%)
3.0V
≤ V
IN
≤ 5.5V
2.0V
≤ V
OUTX
≤ (V
IN - 0.42V)
R
SET = 8.25k
13.80
(-8%)
15.0
16.20
(+8%)
3.0V
≤ V
IN
≤ 5.5V
2.0V
≤ V
OUTX
≤ (V
IN - 0.28V)
R
SET = 12.4k
9.20
(-8%)
10.0
10.80
(+8%)
I
OUTX-BRGT
Analog Brightness Control
Current Regulation
V(BRGT) = 3.0V, V(BR-ON) = V
IN
13.83
(-6.5%)
14.8
15.77
(+6.5%)
mA
(%)
V(BRGT) = 0V, V(BR-ON) = V
IN
100
250
µA
I
OUT-MATCH
Current Matching Between
Any Two Outputs
0.5
4
%
V
SET
I
SET Pin Voltage
1.147
(-6%)
1.22
1.293
(+6%)
V
(%)
I
OUTX/ISET
Output Current to Current
Set Ratio
95
(-5%)
100
105
(+5%)
V
HR
Current Source Headroom
Voltage (Note 5)
I
OUT =95%xIOUT(nom)
R
SET = 4.99k
Ω (I
OUT(nom) approx. 25mA)
500
690
mV
I
OUT =95%xIOUT(nom)
R
SET = 12.4k
Ω (I
OUT(nom) approx. 10mA)
200
280
I
Q
Quiescent Supply Current
I
OUTX = 0mA, V(BR-ON) = VIN,RSET =
Open
200
300
µA
I
OUTX = 0mA, V(BR-ON) = VIN,RSET =
8.25k
350
I
SD
Shutdown Supply Current
EN = 0, V(BR-ON) = V
IN
0.03
1
µA
V
EN-IH
EN Input Logic High
3.0V
≤ V
IN
≤ 5.5V
1.2
V
IN
V
V
EN-IL
EN Input Logic Low
3.0V
≤ V
IN
≤ 5.5V
0
.5
V
V
BRON-IH
BR-ON Input Logic High
3.0V
≤ V
IN
≤ 5.5V
.65xV
IN
V
IN
V
V
BRON-IL
BR-ON Input Logic Low
3.0V
≤ V
IN
≤ 5.5V
0
.35xV
IN
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com