Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP701 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP701
Description  Single Operational Amplifier and Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP701 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP701 Datasheet HTML 1Page - Feeling Technology Corp. FP701 Datasheet HTML 2Page - Feeling Technology Corp. FP701 Datasheet HTML 3Page - Feeling Technology Corp. FP701 Datasheet HTML 4Page - Feeling Technology Corp. FP701 Datasheet HTML 5Page - Feeling Technology Corp. FP701 Datasheet HTML 6Page - Feeling Technology Corp. FP701 Datasheet HTML 7Page - Feeling Technology Corp. FP701 Datasheet HTML 8Page - Feeling Technology Corp. FP701 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FP701
Single Operational Amplifier and Voltage Reference
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev.1.0
1/9
General Description
The FP701 is a single chip composed one op-amp (OPA) with a 1.25V precision voltage
reference on non-inverting input and an open collector output. It offers space and low cost in many
applications such as the secondary feedback control of power supply, AC to DC converter or adaptor.
The FP701 is designed to used as OCP detector with few external components. The circuit
diagram for typical application example is shown as below.
Features
Fixed Reference Voltage: 1.25V
High Precision Over Temperature: 1%
Wide Operating Voltage From 3.0V~25V
Sink Current up to 20mA
Low Input Offset Voltage: 1mV
Package: SOT23-5L
Applications
Battery Charger
High Side Rail Current Detector
SPS (Adaptor)
Current Sense Networking System
Typical Application Circuit
FP130
FP130
PWM
Controller
FP701
1.25V
REF
IN-
OUT
GND
VCC


Similar Part No. - FP701

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
FP7010 OMEGA-FP7010 Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7010-GI OMEGA-FP7010-GI Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7012 OMEGA-FP7012 Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7012-GI OMEGA-FP7012-GI Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7015 OMEGA-FP7015 Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
More results

Similar Description - FP701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
Triple Operational Amplifier and Voltage Reference
01-Dec-2004
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
logo
Feeling Technology Corp...
FP702 FEELING-FP702 Datasheet
280Kb / 9P
Single Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com