Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP702 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP702
Description  Single Operational Amplifier and Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP702 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP702 Datasheet HTML 1Page - Feeling Technology Corp. FP702 Datasheet HTML 2Page - Feeling Technology Corp. FP702 Datasheet HTML 3Page - Feeling Technology Corp. FP702 Datasheet HTML 4Page - Feeling Technology Corp. FP702 Datasheet HTML 5Page - Feeling Technology Corp. FP702 Datasheet HTML 6Page - Feeling Technology Corp. FP702 Datasheet HTML 7Page - Feeling Technology Corp. FP702 Datasheet HTML 8Page - Feeling Technology Corp. FP702 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FP702
Single Operational Amplifier and Voltage Reference
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
1/9
GND
OUT
VCC
IN+
FP702
VIN
R1
R2
R3
VOUT
PMOS SBD
General Description
The FP702 is composed one op-amp (OPA) with a 1.25V precision voltage reference on inverting
input with an open collector output. It is applied to offer space and low cost in many applications such
as the secondary feedback control of power supply, AC / DC converter or adaptor.
The FP702 is designed as an OVP detector with few external components. The circuit diagram of
typical application example is shown as below:
Features
Wide Operating Voltage From 3.0V~25V
Fixed Reference Voltage: 1.25V
Low input Offset Voltage: 1mV
High Precision Over Temperature: 1%
Open Collector Output
Sink Current up to 20mA
Package: SOT23-5L
Typical Application Circuit


Similar Part No. - FP702

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
FP7020 OMEGA-FP7020 Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7020-GI OMEGA-FP7020-GI Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7025 OMEGA-FP7025 Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7025-GI OMEGA-FP7025-GI Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
More results

Similar Description - FP702

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
Triple Operational Amplifier and Voltage Reference
01-Dec-2004
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
logo
Feeling Technology Corp...
FP701 FEELING-FP701 Datasheet
306Kb / 9P
Single Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com