Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT2004 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT2004
Description  4 Channels ADPCM Processor with Echo Cancellation and Conferencing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT2004 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT2004 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT2004 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AT2004
4 Channels ADPCM Processor with Echo Cancellation and Conferencing
Page 7 of 25
©2001 Atelic System, Inc
Chip ID Setup
The two Chip ID pins A0 and A1 (Pins 6,7) should also be set during chip initialization. The “Chip ID” is used to differentiate between
AT2004 chips in a system that uses more than one AT2004 chip. When using only one chip, it is recommended to tie A0 and A1 to
digital zero. Thus, when programming the AT2004 chip, you can use the Chip ID = ‘00’ to substitute wherever you see A1, A0.
The maximum number of AT2004 can be used in a system is 4, and a chip ID must be assigned to each AT2004 in a system. The format
of A0 and A1 should be specified according to the following table:
A1
A0
Description
0
0
AT2004 chip ID=0
0
1
AT2004 chip ID=1
1
0
AT2004 chip ID=2
1
1
AT2004 chip ID=3
Programming the AT2004
Using the Serial Port to Input Commands
Commands for the AT2004 are entered using the 3-wire Serial Interface. The “three wires” refer to the three pins which control the
interface: SDI/SDO (Serial Data In/Serial Data Out), SCLK (Serial Clock), and SCSZ (Serial Chip Select). When SCSZ is enabled (low),
the SDI is sampled every SCLK signal. Sampled bits are collected into an 8-bit register and read by the DSP. The SCSZ signal can be
held more than 8-bits at a time in 8-bit multiples forming a COMMAND SEQUENCE. Different command sequences form the bulk of
AT2004 programming.
Byte 1
SDI
SCLK
SCSZ
Generic 3-byte Command Sequence
LSB B1
B2
B3
B4
B5
B6
B7
Byte 2
Byte 3
Command Sequence Overview
The AT2004 understands five different types of command sequences.
1.
The PLL command sequences sets the operating speed of the chip.
2.
The MCU7byte command sequence set the ADPCM algorithms, bit-slots, delay and EC’s reference channel number.
3.
The Per Channel Control command sequence sets the echo canceling options and other options in the chip.
4.
The Conferencing command sequence sets the conferencing channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com