Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F330F8P6 Datasheet(PDF) 2 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F330F8P6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F330F8P6 Datasheet(HTML) 2 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD32F330F8P6 Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330F8P6 Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
GD32
MCU
2
Welcome to
GigaDevice
GigaDevice, established in 2005, is a leading fabless
company engaged in advanced memory technology
and IC solutions. The company has successfully
completed the IPO at Shanghai Stock Exchange in
2016. GigaDevice provides a wide range of high
per formance Flash memory and 32-bit general-
purpose MCU products. Gigadevice is among the
companies that pioneered SPI NOR Flash memory
and is currently ranked number three in the world in
this market segment with more than 1 billion units
shipped every year.
Since 2007, GigaDevice is ISO9001 and ISO14001
certified by SGS. GigaDevice has filed 600+ patent
applications with 200+ patents granted. More than
55% employees are in research and development,
which continues to differentiate our produc ts
from competitions in the market. The GigaDevice
management team embodies leading semiconductor
industr y experience from renowned memor y
companies in California’s Silicon Valley, Korea, and
Taiwan.
GigaDevice currently produces a wide range of SPI
NOR Flash, SPI NAND Flash, ONFi NAND Flash and
MCU for use in embedded, consumer, and mobile
communications applications. GigaDevice operates a
manufacturing model based on strong relationships
with: foundry, assembly, and test subcontractor
partners. GigaDevice believes this well-defined fabless
manufacturing model provides us with a competitive
advantage over the conventional fabrication-based
Integrated Device Manufacturers because the capital
equipment expenditure to maintain advanced
memory process technologies is beyond the market
return of many IC memory market segments. The
consistent investment in advanced equipment by
our foundry partners and their rapid growth in 12”
wafer capacity are key factors in our success over our
competitors.
vice
Contents
01
GD32 MCU
14
SPI NOR Flash
20
SPI NAND Flash
24
Flash Package Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com