Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F330G8U6 Datasheet(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F330G8U6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F330G8U6 Datasheet(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F330G8U6 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F330G8U6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SPI NOR
Flash
18
2.5V
VQ: Quad I/O, General
VE: Quad I/O, Low Power
1.8V
LQ: Quad I/O, General
LB: Quad I/O,QE=1
LH: Quad I/O, Faster tpp
LD: Dual Output
LE: Quad I/O, Low Power
3V
Q: Quad I/O, General
B: Quad I/O,QE=1
D: Dual Output
R: Quad I/O,QE=1, For RPMC
S: Quad I/O, Stack Die, QE=1
Product Series
Part No.
Density
Voltage
Oragnization
I/O Bus
Frequency (MHz)
GD25LB128D
128Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LQ64C
64Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LE64C
64Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LB64C
64Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LQ32D
32Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LH32D
32Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LE32D
32Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LB32D
32Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LQ16C
16Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LH16C
16Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LE16C
16Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LQ80C
8Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LH80C
8Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LE80C
8Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LQ40C
4Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LH40C
4Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LE40C
4Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LQ20C
2Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LH20C
2Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LE20C
2Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LQ10C
1Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LH10C
1Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LE10C
1Mb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LQ05C
512Kb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LH05C
512Kb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LE05C
512Kb
1.65V-2.1V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LD80C
8Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual Output
50MHz(x1) 40MHz(x2)
GD25LD40C
4Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual Output
50MHz(x1) 40MHz(x2)
GD25LD20C
2Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual Output
50MHz(x1) 40MHz(x2)
GD25LD10C
1Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual Output
50MHz(x1) 40MHz(x2)
GD25LD05C
512Kb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual Output
50MHz(x1) 40MHz(x2)
GD25WD80C
8Mb
1.65V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25WD40C
4Mb
1.65V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25WD20C
2Mb
1.65V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25WD10C
1Mb
1.65V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25WD05C
512Kb
1.65V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com