Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-LC2 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-LC2
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC2 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-LC2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
K-LC2 RADAR TRANSCEIVER
Datasheet
Features
24 GHz K-band miniature I/Q transceiver
140MHz sweep FM input
2 x 4 patch antenna
2 balanced mixer with 50MHz bandwidth
Excellent noise cancelling ability though I/Q technology
Beam aperture 80°/34°
15dBm EIRP output power
25x25mm2 surface, <6.5mm thickness
Lowcost design
K-LC2 Actual Size
Applications
Direction sensitive movement detectors
Security systems
Object speed measurement systems
Simple ranging detection using FSK
Industrial sensors
Description
K-LC2 is a 2 x 4 patch Doppler module with an
asymmetrical beam for lowcost short distance
applications. Its typical applications are move-
ment sensors in the security and presence
detection domain.
In building automation this module may be an
alternative for infrared PIR or AIR systems
thanks to its outstanding performance/cost
ratio.
The module is extremely small and lightweight.
With its IF bandwidth from DC to 50MHz it
opens many new applications. FSK is possible
thanks to the unique RFbeam oscillator design.
This allows to use this lowcost module even in
ranging applications.
Powerful starterkits (ST100 and ST200) with
signal conditioning and visualization on the
PC's are available.
Blockdiagram
Fig. 1: Block diagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/5
Tx
Rx
I
Q
VCO 24 GHz
FM Input


Similar Part No. - K-LC2

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-LC2 RFBEAM-K-LC2 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
653Kb / 2P
Radar Evaluation Kit
More results

Similar Description - K-LC2

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
radar transceiver
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com