Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F130F4P6 Datasheet(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F130F4P6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F130F4P6 Datasheet(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F130F4P6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32F130F4P6 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SPI NOR
Flash
19
1.65V~3.6V
WD: Dual Output
Packages
SOP8 208mil VSOP8 208mil WSON8 6x5mm WLCSP
SOP8 208mil VSOP8 208mil USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 208mil VSOP8 208mil USON8 4x4mm (0.45mm) WSON8 6x5mm WLCSP
SOP8 208mil VSOP8 208mil WSON8 6x5mm
SOP8 208mil VSOP8 208mil USON8 3x4mm USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 208mil VSOP8 208mil USON8 3x4mm USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 208mil VSOP8 208mil USON8 3x4mm USON8 4x4mm (0.45mm) WSON8 6x5mm WLCSP
SOP8 208mil VSOP8 208mil USON8 3x4mm USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x3mm USON8 3x4mm USON8 4x4mm (0.45mm) LGA8 3x2mm
WSON8 6x5mm WLCSP
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x3mm USON8 3x4mm USON8 4x4mm (0.45mm) LGA8 3x2mm
WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x3mm USON8 3x4mm USON8 4x4mm (0.45mm) LGA8 3x2mm
WSON8 6x5mm WLCSP
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x2mm (0.55mm) USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x2mm (0.55mm) USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm WLCSP
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x4mm USON8 4x4mm (0.45mm)
WSON8 6x5mm WLCSP
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil VSOP8 150mil VSOP8 208mil USON8 3x2mm (0.45mm) USON8 3x3mm USON8 3x4mm
USON8 4x4mm (0.45mm) WSON8 6x5mm
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 4x4mm (0.45mm) WSON8 6x5mm
USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 4x4mm (0.45mm) WSON8 6x5mm
USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)
SOP8 150mil SOP8 208mil TSSOP8 173mil DIP8 300mil USON8 3x2mm (0.45mm) USON8 1.5*1.5mm (0.45mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com