Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F103C8T6 Datasheet(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F103C8T6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F103C8T6 Datasheet(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F103C8T6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C8T6 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
SPI NAND
Flash
21
3.0V
GD SPI NAND Flash Features
◆
Power Supply Voltage: 2.7V~3.6V
◆
High Speed Clock Frequency
- 120MHz for fast read with 30PF load
- Quad I/O Data transfer up to 480Mbits/s
◆
Flexible Memory Architecture
1Gbit & 2Gbit:
- 2048-Byte page for read and program, spare
area128-Byte
- (128K + 8K)-Byte per block for erase
◆
Enhanced Access Performance
- 2K-Byte cache for fast random read for 1G & 2G
- Cache read and cache program
◆
Advanced Feature for NAND
- Internal ECC option
- Internal data move by page with ECC
- Promised good block0 with ECC
◆
Power Supply Voltage: 1.7V~2.0V
◆
High Speed Clock Frequency
- 120MHz for fast read with 30PF load
- Quad I/O Data transfer up to 480Mbits/s
◆
Flexible Memory Architecture
1Gbit & 2Gbit:
- 2048-Byte page for read and program, spare area
128-Byte
- (128K + 8K)-Byte per block for erase
◆
Enhanced Access Performance
- 2K-Byte cache for fast random read for 1G & 2G
- Cache read and cache program
◆
Advanced Feature for NAND
- Internal ECC option
- Internal data move by page with ECC
- Promised good block0 with ECC
GD SPI NAND Flash Product List
Part No.
Density
Package
GD5F2GQ4R
2Gb
LGA8 8*6mm
GD5F1GQ4R
1Gb
LGA8 8*6mm
1.8V
Part No.
Density
Package
GD5F2GQ4U
2Gb
LGA8 8*6mm
GD5F1GQ4U
1Gb
WSON8 8*6mm
GD SPI NAND Flash Part Number Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com