Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F103CBT6 Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F103CBT6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F103CBT6 Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F103CBT6 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103CBT6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SPI NOR
Flash
16
GD SPI NOR Flash Product List
Part No.
Density
Voltage
Oragnization
I/O Bus
Frequency (MHz)
GD25S513MD
512Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
80MHz(DTR)
GD25S512MD
512Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25R256D
256Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25Q257D
256Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
80MHz(DTR)
GD25Q256D
256Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25B257D
256Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
80MHz(DTR)
GD25B256D
256Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25Q127C
128Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25B127D
128Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25R127D
128Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25Q64C
64Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25B64C
64Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25Q32C
32Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25B32C
32Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25Q16C
16Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25B16C
16Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25Q80C
8Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25Q40C
4Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25B40C
4Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25Q20C
2Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25D80C
8Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25D40C
4Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25D20C
2Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25D10C
1Mb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25D05C
512Kb
2.7V-3.6V
4KB / 32KB / 64KB
Single / Dual Output
100MHz(x1) 80MHz(x2)
GD25VQ127C
128Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VQ64C
64Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VE64C
64Mb
2.1V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VQ32C
32Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VE32C
32Mb
2.1V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VQ16C
16Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VE16C
16Mb
2.1V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VQ80C
8Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VQ40C
4Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VE40C
4Mb
2.1V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VQ20C
2Mb
2.3V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25VE20C
2Mb
2.1V-3.6V
4KB / 32KB / 64KB
Single / Dual / Quad
104MHz(x1, x2, x4)
GD25LQ256D
256Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LE256D
256Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LB256D
256Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LQ128D
128Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)
GD25LE128D
128Mb
1.65V-2.0V
4KB / 32KB / 64KB
Single / Dual / Quad
120MHz(x1, x2, x4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com