Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8533ED Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8533ED
Description  High efficiency non-isolated buck LED constant current driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8533ED Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8533ED Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8533ED Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8533ED Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8533ED Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8533ED Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8533ED Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP8533ED
高效率的非隔离降压 LED 恒流驱动芯片
V1.0
Shenzhen TPOWER Semiconductor
1
概述
TP8533ED 是一款高效率的非隔离降压 LED 恒流驱动芯
片,适用于 85VAC~265VAC 全电压输入范围的非隔离降
压型 LED 恒流驱动电源。
TP8533ED 内部集成了高精度的电流检测和恒流驱动电
路,能够实现高精度的 LED 恒流输出和出色的线电压调整
率。同时,TP8533ED 工作在峰值电流关断,零电流导通
的电感电流临界模式下,LED 输出电流并不随电感量和
LED 输出电压的变化而变化,从而具有优异的负载调整率
和对电感量变化不敏感的优点。
TP8533ED 内部集成 500V 功率管,并采用源极驱动方式,
芯片的工作电流很低,无需辅助绕组检测和供电,无需任
何补偿元件,只需要很少的外围元件,即可实现高效率的
LED 恒流输出,极大的节约了系统的成本和体积。
TP8533ED 工作电压范围宽,适用于 85VAC~265VAC 全
电压范围的交流输入。同时 TP8533ED 集成了多种保护功
能,以保证系统的稳定和可靠。包括 LED 开路、短路保护,
CS 电阻短路保护,芯片温度智能控制和芯片供电欠压保护
等。
特点
 内部集成 500V 功率管
 电感电流临界模式
 芯片超低工作电流
 无需辅助绕组检测和供电
 宽输入电压
 系统工作效率高
 ±5%LED 输出电流精度
 LED 开路/短路保护
 CS 电阻短路保护
 芯片供电欠压保护
 芯片温度智能控制
 对电感变化不敏感
 自动重启动功能
 系统 BOM 成本低
 采用 DIP8L 封装
应用
 LED 球泡灯,蜡烛灯,玉米灯
 LED 日光灯,PAR 灯
 其它 LED 照明
典型应用电路


Similar Part No. - TP8533ED

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8533E TPOWER-TP8533E Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
More results

Similar Description - TP8533ED

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8533A TPOWER-TP8533A Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7725 MAXIC-MT7725 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727 MAXIC-MT7727 Datasheet
152Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
logo
Shenzhen Tianyuan Semic...
TP8533B TPOWER-TP8533B Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533C TPOWER-TP8533C Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533D TPOWER-TP8533D Datasheet
575Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533E TPOWER-TP8533E Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
logo
Maxic Technology Corpor...
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727XK MAXIC-MT7727XK Datasheet
206Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com