Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321TP Datasheet(PDF) 8 Page - 3PEAK INC.

Part # LMV321TP
Description  40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV321TP Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button LMV321TP Datasheet HTML 4Page - 3PEAK INC. LMV321TP Datasheet HTML 5Page - 3PEAK INC. LMV321TP Datasheet HTML 6Page - 3PEAK INC. LMV321TP Datasheet HTML 7Page - 3PEAK INC. LMV321TP Datasheet HTML 8Page - 3PEAK INC. LMV321TP Datasheet HTML 9Page - 3PEAK INC. LMV321TP Datasheet HTML 10Page - 3PEAK INC. LMV321TP Datasheet HTML 11Page - 3PEAK INC. LMV321TP Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
REV A.02
www.3peakic.com.cn
LMV321TP/LMV358TP/LMV324TP
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
Pin Functions
–IN: Inverting Input of the Amplifier. Voltage range
of this pin can go from V–
– 0.1V to V+ + 0.1V.
+IN: Non-Inverting Input of Amplifier. This pin has
the same voltage range as
–IN.
+VS: Positive Power Supply. Typically the voltage is
from 2.1V to 5.25V. Split supplies are possible as
long as the voltage between V+ and V
– is between
2.1V and 5.25V. A
bypass capacitor of 0.1μF as
close to the part as possible should be used
between power supply pins or between supply pins
and ground.
–VS: Negative Power Supply. It is normally tied to
ground. It can also be tied to a voltage other than
ground as long as the voltage between V+ and V– is
from 2.1V to 5.25V. If it is not connected to ground,
bypass it with a capacitor
of 0.1μF as close to the
part as possible.
OUT: Amplifier Output. The voltage range extends
to within millivolts of each supply rail.
The exposed thermal pad of DFN package should
be left floated.
Operation
The LMV321TP/358TP/324TP input signal range
extends beyond the negative and positive power
supplies. The output can even extend all the way to
the negative supply. The input stage is comprised
of two CMOS differential amplifiers, a PMOS stage
and NMOS stage that are active over different
ranges of common mode input voltage. The
Class-AB control buffer and output bias stage uses
a proprietary compensation technique to take full
advantage of the process technology to drive very
high capacitive loads. This is evident from the
transient over shoot measurement plots in the
Typical Performance Characteristics.
Applications Information
Low Supply Voltage and Low Power Consumption
The LMV321TP/358TP/324TP of operational amplifiers can operate with power supply voltages from 2.1V to 6.0V.
Each amplifier draws only 40
μA quiescent current. The low supply voltage capability and low supply current are
ideal for portable applications demanding HIGH CAPACITIVE LOAD DRIVING CAPABILITY and WIDE
BANDWIDTH. The LMV321TP/358TP/324TP is optimized for wide bandwidth low power applications. They have
an industry leading high GBWP to power ratio and are unity gain stable for ANY CAPACITIVE load. When the
load capacitance increases, the increased capacitance at the output pushed the non-dominant pole to lower
frequency in the open loop frequency response, lowering the phase and gain margin. Higher gain configurations
tend to have better capacitive drive capability than lower gain configurations due to lower closed loop bandwidth
and hence higher phase margin.
Low Input Referred Noise
The LMV321TP/358TP/324TP provides a low input referred noise density of 39nV/√Hz at 1kHz. The voltage
noise will grow slowly with the frequency in wideband range, and the input voltage noise is typically 5.6
μVP-P at the
frequency of 0.1Hz to 10Hz.
Low Input Offset Voltage
The LMV321TP/358TP/324TP has a low offset voltage of 3.5mV maximum which is essential for precision
applications. The offset voltage is trimmed with a proprietary trim algorithm to ensure low offset voltage for
precision signal processing requirement.
Low Input Bias Current
The LMV321TP/358TP/324TP is a CMOS OPA family and features very low input bias current in pA range.
The
low input bias current allows the amplifiers to be used in applications with high resistance sources.
Care must
be
taken to minimize PCB Surface Leakage. See below section on “PCB Surface Leakage” for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com