Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLS3401 Datasheet(PDF) 2 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

Part # SLS3401
Description  Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHENZHENSLS [SHENZHEN SLS TECHNOLOGY CO.,LTD.]
Direct Link  http://www.sls-semicon.com/
Logo SHENZHENSLS - SHENZHEN SLS TECHNOLOGY CO.,LTD.

SLS3401 Datasheet(HTML) 2 Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.

  SLS3401 Datasheet HTML 1Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. SLS3401 Datasheet HTML 2Page - SHENZHEN SLS TECHNOLOGY CO.,LTD. SLS3401 Datasheet HTML 3Page - SHENZHEN SLS TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLS SEMICONDUCTOR (SHENZHEN) CO.,LTD.
SOT-23 封装半导体场效应管/SOT-23 Plastic-Encapsulate MOSFETS
电性能参数/Electrical characteristics (Ta=25℃)
参数
符号
测试条件
最小值
典型值
最大值
单位
静态/Static Characteristics
源极-漏极击穿电压
V
BR(DSS)
V
GS=OV,ID=-250μA
-30
V
栅极开启电压
V
GS(th)
I
D=-250μA, VGS=VDS
-0.7
-1.3
V
栅极漏电流
I
GSS
V
GS=±12V,VDS=0V
±100
nA
零栅压漏极电流
I
DSS
V
GS=0V, VDS=-24V
-1
µA
漏极源极导通电阻
R
DS(ON)
V
GS=-10V,ID=-4.2A
65
mΩ
V
GS=-4.5V,ID=-4A
75
V
GS=-2.5V,ID=-1A
90
正向跨导
①
gfs
V
DS=-5V,ID=-5A
7
S
动态/Dynamic Characteristics
输入电容
②
C
iss
V
DS=-15V,VGS=0V,f=1MHz
954
pF
输出电容
②
C
oss
115
反向传输电容
②
C
rss
77
开关参数/Switching Characteristics
总栅极充电电荷
Q
G
V
DS=-6V,VGS=-4.5V,
I
D=-2.8A
5.4
10
nC
栅极-源极充电电荷
Q
GS
0.8
nC
栅极-漏极充电电荷
Q
GD
1.1
nC
开启延时
②
t
d(on)
V
DD=-10V,VGEN=-15V,
R
GEN=6Ω,RL=3.6Ω
6.3
ns
上升时间
②
t
r
3.2
ns
关闭延时
②
t
d(off)
38.2
ns
下降延时
②
t
f
12
ns
漏极-源极二极管参数/Drain-source Body Diode Characteristics
二极管正向压降
①
V
SD
I
S=-1A,VGS=0V
-1
V
注:① 脉冲测试脉冲宽度≤300
µS,占空比≤2%;
② 这些参数未通过验证;



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com