Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP7208 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP7208
Description  Non-Synchronous PWM Boost Controller for LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7208 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP7208 Datasheet HTML 5Page - Feeling Technology Corp. FP7208 Datasheet HTML 6Page - Feeling Technology Corp. FP7208 Datasheet HTML 7Page - Feeling Technology Corp. FP7208 Datasheet HTML 8Page - Feeling Technology Corp. FP7208 Datasheet HTML 9Page - Feeling Technology Corp. FP7208 Datasheet HTML 10Page - Feeling Technology Corp. FP7208 Datasheet HTML 11Page - Feeling Technology Corp. FP7208 Datasheet HTML 12Page - Feeling Technology Corp. FP7208 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FP7208
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.64
10/13
Input Current Limit Setting
The SS voltage is adjusted using a resistive voltage divider connected from input voltage to D3
cathode, D3 Anode connects to SS pin. The input occur inrush current to cause input voltage drop off
then SS voltage also drop less than 1.5V, PWM duty of EXT pin can be limited, which reduces inrush
current to protect switching MOSFET. The level of internal oscillator is from 0.5V to 1.5V. D3 is
unconnected the SS voltage is 3.6V. The circuit and detailed figure are shown as below.
D3
1N4148
SS
R9
R8
VIN
OSC
0.5V
OSC
1.5V
SS
3.6V
SS
SS Voltage Drop
EXT Duty Limit
Voltage
Time
Time
Voltage
EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com