Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6775 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6775
Description  1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6775 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6775 Datasheet HTML 5Page - OKI electronic componets MSM6775 Datasheet HTML 6Page - OKI electronic componets MSM6775 Datasheet HTML 7Page - OKI electronic componets MSM6775 Datasheet HTML 8Page - OKI electronic componets MSM6775 Datasheet HTML 9Page - OKI electronic componets MSM6775 Datasheet HTML 10Page - OKI electronic componets MSM6775 Datasheet HTML 11Page - OKI electronic componets MSM6775 Datasheet HTML 12Page - OKI electronic componets MSM6775 Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12/13
¡ Semiconductor
MSM6775
20
30
40
50
60
70
80 90
C0=0.00047mF
C0=0.001mF
C0=0.0022mF
C0=0.0047mF
100
R1 3R0
Ta=25°C
Oscillation Frequency vs. R0 (VDD=3V)
10
5
10
4
1000
100
R0 [kW]
~
~
20
30
40
50
60
70
80 90
C0=0.00047mF
C0=0.001mF
C0=0.0022mF
C0=0.0047mF
100
R1 3R0
Ta=25°C
Oscillation Frequency vs. R0 (VDD=5V)
10
5
10
4
1000
100
R0 [kW]
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com