Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP420W Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFP420W
Description  isc Silicon NPN RF Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFP420W Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFP420W Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFP420W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN RF Transistor
BFP420W
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage IC= 1mA ; IB= 0
4.5
V
ICBO
Collector Cutoff Current
VCB= 4.5V; IE= 0
200
nA
hFE
DC Current Gain
IC= 20mA ; VCE= 4V
50
100
150
fT
Transition frequency
IC= 25mA ; VCE= 2V; f= 2GHz
25
GHz
NF
Noise Figure
IC= 2mA ; VCE= 2V; f= 900MHz
0.8
dB
NF
Noise Figure
IC= 2mA ; VCE= 2V; f= 2GHz
1.2
dB
︱
S21e︱2 Insertion Power Gain
IC= 30mA ; VCE= 8V; f= 2GHz
17
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com