Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48ES Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # 48ES
Description  FULL-FUNCTION PROGRAMMING WITH CAPABILITY TO LINK MULTIPLE STAGERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

48ES Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  48ES Datasheet HTML 1Page - Pentair plc. All rights reserved. 48ES Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FILTRATION & PROCESS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | F: 262.238.4404 | WWW.PENTAIRAQUA.COM | CUSTOMER CARE: 800.279.9404
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
43163 REV D MR14 © 2014 Pentair Residential Filtration, LLC. All Rights Reserved.
ELECTRICAL RATING
24V AC Transformers
115V AC +/- 20% input
24V AC output w/40V A
230V AC +/- 20% input
24V AC output w/108V A
HUMIDITY
95% RH, non-condensing
SPECIFICATIONS
NXT GENERIC METER GUIDELINES
Open collector output
Pulse rate generated must not exceed 100 pulses per second
(100 Hz), or 6,000 pulses per minute
Support for meter outputs in the range of 1-255 gallons
(25.5 m3) for every 1-255 pulses
Example: 35 gallons/100 pulses
(= 3.5 gallons/10 pulses, = 0.35 gallons/1 pulse)
Meter must operate at 5 VDC
NXT
SYSTEM #
SYSTEM DESCRIPTION
STAGERS
TYPE
4
Single Unit
1
Time Clock: No Meter
Immediate: One Meter
Delayed: One Meter
Remote: No Meter
5
Interlocked
2, 3, 4
Immediate: All Meters
Remote: No Meter
6
Series
2, 3, 4
Immediate: One Meter
Delayed: One Meter
Remote: No Meter
7
Alternating
2
Immediate: One Meter
Remote: No Meter
9
Alternating
2, 3, 4
Immediate: All Meters
Remote: No Meter
14
Demand Flow
2, 3, 4
Immediate: All Meters



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com