Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7552BGS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7552BGS
Description  Green-Mode PWM Controller with Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7552BGS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7552BGS Datasheet HTML 1Page - Leadtrend Technology LD7552BGS Datasheet HTML 2Page - Leadtrend Technology LD7552BGS Datasheet HTML 3Page - Leadtrend Technology LD7552BGS Datasheet HTML 4Page - Leadtrend Technology LD7552BGS Datasheet HTML 5Page - Leadtrend Technology LD7552BGS Datasheet HTML 6Page - Leadtrend Technology LD7552BGS Datasheet HTML 7Page - Leadtrend Technology LD7552BGS Datasheet HTML 8Page - Leadtrend Technology LD7552BGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD7552B
1/2/2008
1
Leadtrend Technology Corporation
LD7552B-DS-01a January 2008
Green-Mode PWM Controller with Integrated Protections
Rev. 01a
General Description
The LD7552B are low cost, low startup current, current
mode PWM controllers with green-mode power- saving
operation.
The
integrated
functions
include
the
leading-edge blanking of the current sensing, internal slope
compensation. They provide the users a superior AC/DC
power
application
of
higher
efficiency,
low
external
component counts, and lower cost solution.
Furthermore, LD7552B feature more protections like OLP
(Over Load Protection) and OVP (Over Voltage Protection)
to eliminate the external protection circuits. It is designed for
the switching adaptor with 30W~60W output, offered in both
SOP-8 and DIP-8 package.
Features
High-Voltage CMOS Process with Excellent ESD
protection
Very Low Startup Current (<20
μA)
Current Mode Control
Non-audible-noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Programmable Switching Frequency
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc Pin
OLP (Over Load Protection)
500mA Driving Capability
Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
384X Replacement
Typical Application
OSC
16.0V
/10.0V
UVLO
Divider
32V
Control
Logic
EMI
Filter
RT
OUT
CS
VCC
GND
COMP
LD7552B
photocoupler
AC
input
TL431


Similar Part No. - LD7552BGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD7552BN ETC1-LD7552BN Datasheet
214Kb / 10P
GREEN MODE PWM CONTROLLER
LD7552BS ETC1-LD7552BS Datasheet
214Kb / 10P
GREEN MODE PWM CONTROLLER
More results

Similar Description - LD7552BGS

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
Green-Mode PWM Controller with Integrated Protections
12/11/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com