Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1509PR Datasheet(PDF) 1 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1509PR
Description  2A 150KHz PWM Buck DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1509PR Datasheet(HTML) 1 Page - TECHCODE SEMICONDUCTOR, INC.

  TD1509PR Datasheet HTML 1Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1509PR Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 
 
 
 
December,  20,  2005.                                         Techcode  Semiconductor  Limited                                    www.techcodesemi.com 
1 
Techcode®
2A 150KHz PWM Buck DC/DC Converter
TD1509
DATASHEET
General Description 
The TD1509 is a series of easy to use fixed and
adjustable step-down (buck) switch-mode voltage
regulators. These devices are available in fixed output
voltage of 5V,3.3V an adjustable output version. Both
versions are capable of driving a 2A load with excellent
line and load regulation.
Requiring a minimum number of external components,
these regulators are simple to use and include internal
frequency
compensation,
and
a
fixed-frequency
oscillator.
The output voltage is guaranteed to ±3% tolerance under
specified input voltage and output load conditions. The
oscillator frequency is guaranteed to ±15%. External
shutdown is included, featuring typically 80 µA standby
current. Self protection features include a two stage
frequency reducing current limit for the output switch and
an over temperature shutdown for complete protection
under fault conditions.
The TD1509 is available in SOP8 and DIP8 packages.
 
Features  
5V,3.3V and adjustable output versions
Output adjustable from 1.23v to 43V
Fixed 150KHz frequency internal oscillator
Guaranteed 3A output load current
Input voltage range up to 45V
Low power standby mode, IQ typically 80 µA
TTL shutdown capability
Excellent line and load regulation
Requires only 4 external components
High efficiency
Thermal shutdown and current limit protection
Available in SOP8 and DIP8 packages
Applications 
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
LCD monitor and LCD TV
DVD recorder and PDP TV
Battery charger
Step-down to 3.3V for microprocessors
Package Types 
 
 
 
 
 
 
 
 
Figure 1. Package Types of TD1509 
 
SOP8                    DIP8 
 
 


Similar Part No. - TD1509PR

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501L33 TECHCODE-TD1501L33 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501L50 TECHCODE-TD1501L50 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501LADJ TECHCODE-TD1501LADJ Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
TD1501S33 TECHCODE-TD1501S33 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results

Similar Description - TD1509PR

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_V01 Datasheet
421Kb / 12P
150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com