Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6015CDA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P6015CDA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P6015CDA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P6015CDA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P6015CDA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P6015CDA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P6015CDA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.0
2
I-33-2
N-Channel Enhancement Mode
Field Effect Transistor
P6015CDA
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 3V, ID = 7A
44
80
mΩ
VGS = 5V, ID = 10A
43
70
VGS = 10V, ID = 10A
42
60
Forward Transconductance
1
gfs
VDS = 5V, ID = 10A
80
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
3072
pF
Output Capacitance
Coss
189
Reverse Transfer Capacitance
Crss
79
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
1.1
Ω
Total Gate Charge
2
Qg
VDS = 75V , ID = 10A, VGS = 10V
75
nC
Gate-Source Charge
2
Qgs
4.4
Gate-Drain Charge
2
Qgd
13
Turn-On Delay Time
2
td(on)
VDS = 75V
ID  10A, VGS = 10V, RGEN =6Ω
15
nS
Rise Time
2
tr
37
Turn-Off Delay Time
2
td(off)
140
Fall Time
2
tf
136
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
25
A
Forward Voltage
1
VSD
IF = 10A, VGS = 0V
1.3
V
Reverse Recovery Time
trr
IF = 10A, dlF/dt = 100A / S
68
nS
Reverse Recovery Charge
Qrr
182
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com