Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBSP-2 Datasheet(PDF) 10 Page - Pentair plc. All rights reserved.

Part # MBSP-2
Description  Battery Backup System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

MBSP-2 Datasheet(HTML) 10 Page - Pentair plc. All rights reserved.

Back Button MBSP-2 Datasheet HTML 6Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 7Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 8Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 9Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 10Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 11Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 12Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 13Page - Pentair plc. All rights reserved. MBSP-2 Datasheet HTML 14Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LED Display
10
TABLE II – Operating Code Displays (LEDs Lighted Continuously or Flashing)
TABLE III – LED Function Displays (LEDs Lighted Continuously)
Control LED:
Continuous Illumination Indicates Normal Operation:
AC Power
AC power is present.
Pump Status
The float switch has been activated. The LED remains on (flashing) after the pump
has stopped. Depress the ‘SYSTEM TEST’ button to reset it.
Silenced Audible Alarm
Audible Alarm has been silenced. Press and release the ‘SILENCE ALARM’ button
to reset (activate) the audible alarm and turn OFF the LED.
Charging
Indicates that the battery is charging – see Table II, above.
Battery Status
A. Continuous ON - the battery voltage is above 10.9 Volts DC and capacity is
above 20%.
B. Slow Beep/Slow LED Flash - the battery’s capacity is below 20%, and voltage is
between 8.2VDC and 10.9VDC.
C. Fast Beep/Fast LED Flash - the battery has been discharged to less than 8.2VDC.
System Alert
Flashing (in unison with the buzzer) indicates that the charger has entered ‘Failure
Mode’. Press the ‘SYSTEM TEST’ and ‘SILENCE ALARM’ buttons to reset it.
NOTICE: If the source of the failure is not corrected, the charger will reenter
“Failure Mode”. See Table IV for error code information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com