Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM0853 Datasheet(PDF) 4 Page - Bookly Micro electronic

Part # BM0853
Description  Green-Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

BM0853 Datasheet(HTML) 4 Page - Bookly Micro electronic

  BM0853 Datasheet HTML 1Page - Bookly Micro electronic BM0853 Datasheet HTML 2Page - Bookly Micro electronic BM0853 Datasheet HTML 3Page - Bookly Micro electronic BM0853 Datasheet HTML 4Page - Bookly Micro electronic BM0853 Datasheet HTML 5Page - Bookly Micro electronic BM0853 Datasheet HTML 6Page - Bookly Micro electronic BM0853 Datasheet HTML 7Page - Bookly Micro electronic BM0853 Datasheet HTML 8Page - Bookly Micro electronic BM0853 Datasheet HTML 9Page - Bookly Micro electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2015/08/10 Ver.1
Page 4
BM0853
Green-Mode PWM Controller
ELECTRICAL CHARACTERISTICS
(TA=25 , V
℃
CC=15V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage ( Vcc Pin )
Istt
Startup
Current
10
20
uA
VCOMP = 0V
2.7
4
mA
VCOMP = 3V
2.4
mA
Iop
Operating Current
Protection
tripped
(OLP, OVP)
1.0
mA
UVLO (off) Min. Operating Voltage
9.0
10.0
11.0
V
UVLO (on ) Start Threshold Voltage
15.0
16.0
17.0
V
OVP Level Over Voltage Protection
24
26
29.5
V
Voltage Feedback ( Comp Pin )
Isc
Short Circuit Current
1.25
2.2
mA
Vop
Open Loop Voltage
6
V
VTH(GM)
Green Mode Threshold VCOMP
2.35
V
Oscillator ( RT Pin )
FOSC
Frequency
RT=100KΩ
60.0
68.0
75.0
KHz
FOSC(GM) Green Mode Frequency
Fs=65.0KHz
22
KHz
Fdt
Frequency Variation versus Temp. Deviation (-40°C ~105°C)
3
%
Fdv
Frequency Variation versus VCC Deviation
(VCC=11V-25V)
1
%
Current Sensing ( CS Pin )
Vcs(off)
Maximum Input Voltage
0.8
0.85
0.9
V
TLEDD
Leading Edge Blanking Time
280
nS
Zcs
Input impedance
1
MΩ
TPD
Delay to Output
100
nS
Gate Driver Output ( OUT Pin )
DC (Max)
Maximum Duty Cycle
70
75
80
%
DC (Min)
Minimum Duty Cycle
0
%
VOL
Output Low Level
VCC=15V,
Io=20mA
1
V
VOH
Output High Level
VCC=15V,
Io=20mA
8
V
Tr
Rising Time
Load Cap=1000pF
50
200
nS
Tf
Falling Time
Load Cap=1000pF
30
120
nS
OLP ( Over Load Protection )
TLOLP
OLP Trip Level
5.0
V
TDOLP
OLP Delay Time (note)
60
mS
Note: The OLP delay time is proportional to the period of switching cycle. So that, the lower RT value will set the higher
switching frequency and the shorter OLP delay time.
BM SEMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com