Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3419 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3419
Description  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3419 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3419 Datasheet HTML 8Page - Analog Devices ADP3419 Datasheet HTML 9Page - Analog Devices ADP3419 Datasheet HTML 10Page - Analog Devices ADP3419 Datasheet HTML 11Page - Analog Devices ADP3419 Datasheet HTML 12Page - Analog Devices ADP3419 Datasheet HTML 13Page - Analog Devices ADP3419 Datasheet HTML 14Page - Analog Devices ADP3419 Datasheet HTML 15Page - Analog Devices ADP3419 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP3419
Rev. A | Page 13 of 16
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187-BA
Figure 19. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Quantity
per Reel
Branding
ADP3419JRM-REEL
0°C to 100°C
10-Lead Mini Small Outline Package (MSOP)
RM-10
3000
P9A
ADP3419JRMZ-REEL1
0°C to 100°C
10-Lead Mini Small Outline Package (MSOP)
RM-10
3000
P9B
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com