Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL3 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # QL3
Description  FILTER HEAD EXCLUSIVELY FOR EVERPURE REPLACEMENT CARTRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

QL3 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  QL3 Datasheet HTML 1Page - Pentair plc. All rights reserved. QL3 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILTRATION & PROCESSING SOLUTIONS EV9259-14 SPECIFICATION SHEET
FILTER HEAD EXCLUSIVELY FOR EVERPURE REPLACEMENT CARTRIDGES
Foodservice
Vending
OCS
Commerical quality filter head is designed
exclusively to fit Everpure filter cartridges
Solid durable construction is ideal for
foodservice and vending applications
Includes mounting bracket and screws
Engineered for durability, strength
and longevity
APPLICATIONS
FEATURES • BENEFITS
Mounts directly onto flat surface.
Installs vertically with cartridge
hanging down.
Allow 2-1/2" (6.35 mm) clearance below
the cartridge for easy
cartridge replacment.
Flush filter by running water through filter
according to cartridge instructions.
Change cartridges on a regular six (6)
month preventative maintenance program.
Change cartridges when capacity is
reached or when pressure decreases.
Always flush the filter cartridge at time of
installation and cartridge change.
Rated Capacity: Varies according to filter
cartridge used
INSTALLATION TIPS
OPERATION TIPS
QL3 Single Head: EV9259-14
EVERPURE®
QL3 SINGLE HEAD
SIZING
Includes built-in water shutoff valve
Corrosion resistant hardware
All wetted parts have passed NSF®
extraction tests


Similar Part No. - QL3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3012-0PL84M ETC1-QL3012-0PL84M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3012-0PQ208M ETC1-QL3012-0PQ208M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3012-1PL84M ETC1-QL3012-1PL84M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3012-1PQ208M ETC1-QL3012-1PQ208M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
More results

Similar Description - QL3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7 Datasheet
178Kb / 3P
Linear Type (Exclusively Used to Detect The Angle of Vehicle Head Lights)
logo
Bud Industries, Inc.
FF-4873 BUD-FF-4873 Datasheet
10Kb / 1P
REPLACEMENT FAN FILTER
logo
Marl International Limi...
240 MARL-240 Datasheet
202Kb / 4P
Direct replacement for BA15d
logo
OKI electronic componet...
UFTC-7CN01 OKI-UFTC-7CN01 Datasheet
329Kb / 1P
UFTC Tip Cartridges for Metcal UltraFineTMHand-piece
logo
Marl International Limi...
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
logo
TE Connectivity Ltd
C-680516 TEC-C-680516 Datasheet
1Mb / 3P
FOR REPLACEMENT PARTS FOR APPLICATOR
logo
PHOENIX CONTACT
1208021 PHOENIX-1208021 Datasheet
44Kb / 2P
Replacement crimp head for ZAP 25 and ZAP 25 T
logo
Pentair plc. All rights...
FLOPLUS PENTAIR-FLOPLUS Datasheet
597Kb / 2P
MODIFIED MOLDED CARBON BLOCK CARTRIDGES
QUAD-MC PENTAIR-QUAD-MC Datasheet
370Kb / 2P
REPLACEMENT CARTRIDGE KIT FOR EVERPURE HIGH FLOW CSR QUAD-MC2 SYSTEMS
logo
TDK Electronics
RTCN-5006 TDK-RTCN-5006 Datasheet
1Mb / 6P
Filter Exclusively for Secondary Side Three-Phase Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com