Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S50HTPC1 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # S50HTPC1
Description  Submersible High Temperature Effluent Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

S50HTPC1 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  S50HTPC1 Datasheet HTML 1Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 2Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 3Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 4Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 5Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 6Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 7Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 8Page - Pentair plc. All rights reserved. S50HTPC1 Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
INSTALLATION, OPERATION & PARTS MANUAL
S40HT & S50HT Series
Submersible High Temperature
Effluent Pumps
© 2017 Pentair, plc. All Rights Reserved.
MY504 (Rev. 10/31/17)
293 WRIGHT STREET, DELAVAN, WI 53115 WWW.FEMYERS.COM
PH: 888-987-8677
SAFETY INFORMATION
Carefully read and follow all safety instructions in this
manual or on pump.
This is the safety alert symbol. When you
see this symbol on your pump or in this manual, look for one
of the following signal words and be alert to the potential for
personal injury!
warns about hazards that
will cause serious
personal injury, death or major property damage if ignored.
warns about hazards that
can cause serious
personal injury, death or major property damage if ignored.
warns about hazards that
will or can cause
minor personal injury or property damage if ignored.
The word
NOTICE indicates special instructions which are
important but not related to hazards.
1.
Read these rules and instructions carefully. Failure
to follow them could cause serious bodily injury and/or
property damage.
2. Check your local codes before installing. You must
comply with their rules.
3. Vent sewage or septic tank according to local codes.
4. Do not install pump in any location classified as
hazardous by National Electrical Code, ANSI/NFPA
80-1984 or the Canadian Electrical Code.
Hazardous voltage. Can shock,
burn, or kill. During operation the pump is in water.
To avoid fatal shocks, proceed as follows if pump needs
servicing:
5A. Disconnect power to outlet box before unplugging pump.
5B. Take extreme care when changing fuses. Do not stand
in water or put your finger in the fuse socket.
5C. Do not modify the cord and plug. When using the cord
and plug, plug into a grounded outlet only. When wiring
to a system control, connect the pump ground lead to
the system ground.
6. Do not run the pump dry. Dry running can overheat the
pump, (causing burns to anyone handling it) and will
void the warranty.
7. The pump normally runs hot. To avoid burns when
servicing pump, allow it to cool for 20 minutes after shut-
down before handling it.
8. The pump is permanently lubricated. No oiling or
greasing is required in normal operation. For overhaul,
see instructions under “Service”.
DESCRIPTION
These submersible high temperature sump/effluent pumps are
designed for effluent and wastewater removal, sump drainage,
dewatering, flood control. They can be used in boiler blow
down pits, condensate pits and as hot water pumps. Units
have built in thermal overload protection with automatic reset.
The mechanical seal and ball bearings on the motor shaft are
permanently lubricated. Stainless steel hardware and a heavy
duty lift out ring allow for easy disassembly after extended use.
NOTICE: This unit is not designed for applications involving
salt water or brine! Use with salt water or brine will void
warranty.
SPECIFICATIONS
Power supply required..............See “Motor, Switch and Cord
Specifications” chart below
Maximum Liquid Temperature ............................ 194°F(90°C)
Discharge Adapter ................................ 1-1/2” NPT (S40HT)
...................................... 2" NPT (S50HT)
California Proposition 65 Warning
This product and related accessories contain
chemicals known to the State of California to cause cancer,
birth defects or other reproductive harm.
Model
Number
Motor
HP
Voltage
Motor
Full
Load Amps
Individual
Branch Circuit
Required (Amps)
Cord
Length
in ft. (m)
Switch Setting
in inches (mm)
Discharge
Adapter
Size
On
Off
S40HT-11P
1/3
115/1
13.0
15
20 (6.1)
13.5 (343)
4.5 (114)
1-1/2"
S40HT-11
1/3
115/1
13.0
15
20 (6.1)
–
–
1-1/2"
S50HTPC1*
1/2
115/1
12.0
15
20 (6.1)
17.8 (452)
8.8 (224)
2"
*Control panel required
MOTOR, SWITCH, & CORD SPECIFICATIONS


Similar Part No. - S50HTPC1

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
S50HTPC1 PENTAIR-S50HTPC1 Datasheet
216Kb / 2P
HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
More results

Similar Description - S50HTPC1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
Cynergy3 Co
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
Submersible Dual Level and Temperature Transmitter
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
logo
Glenair, Inc.
802-008 GLENAIR-802-008 Datasheet
164Kb / 1P
Submersible Plug
802-008-06 GLENAIR-802-008-06 Datasheet
168Kb / 1P
Submersible Plug
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
EFFLUENT AND DRAIN WATER PUMPS
ME40AG PENTAIR-ME40AG Datasheet
204Kb / 2P
SUBMERSIBLE AGRICULTURAL PUMPS
S50HT PENTAIR-S50HT Datasheet
216Kb / 2P
HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
logo
STI Vibration Monitorin...
CMCP785T-IP STI-CMCP785T-IP Datasheet
544Kb / 2P
Dual Output Side Entry Accelerometer with Temperature Submersible
January 2023
CMCP786T-IP STI-CMCP786T-IP Datasheet
534Kb / 2P
Dual Top Entry Accelerometer with Temperature Submersible
January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com