Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT7605 Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7605
Description  Segmented, Linear Constant - Current LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7605 Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7605 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7605
Segmented, Linear Constant - Current LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.20
Tel: 86-10-62662828
Copy right © 2015 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7605 is a segmented linear constant - current
LED
driver.
It
operates
in
linear
mode,
according to the segment LED voltage drop
automatically turns on different LED string
without external settings to simplify the system
design.
No
electrolytic
capacitor,
Inductor,
transformer are needed, low BOM cost is
achieved.
MT7605 can drive three segment LED strings.
When the input voltage varies, it lights up
different segment LED strings automatically. In
the one AC cycle, the LED light up time
increases. This way, both efficiency and power
factor improved. The PFC is as high as 0.99,
THD can be less than 15%.
With
Maxic
’s proprietary current regulation
method, MT7605 achieves ±3% accuracy of LED
current. In addition, each segment of LED
current can be set differently by individual sense
resistors.
FEATURES
Segmented
linear constant - current LED
driver
Turns on different segment LED strings
automatically based on LED voltage drop
Each segment LED current can be flexibly
setting with external sense resistor
High precision constant LED current (±3%)
Peak LED current: 60mA
Highest PFC is 0.99, THD is less than 15%
Over temperature protection
Lower output current gradually at high
temperature
Built-in power MOSFET simplifies peripheral
design
Available in ESOP8 package
APPLICATION
LED fluorescent light, panel light
LED bulb light, decorative light
Other compact LED Lighting Product
Typical Application Circuit
LED1
R0
R2
CAP
VCC
D1
CS1
CS2
CS3
D3
D2
6
5
8
7
1
2
3
4
MT7605
C0
C1
R3
Vin_ac
LED2
LED3
R1
GND


Similar Part No. - MT7605

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7603 MAXIC-MT7603 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603E MAXIC-MT7603E Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7603 MAXIC-MT7603_V01 Datasheet
284Kb / 6P
Linear Constant – Current LED Driver
Rev. 1.00
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
More results

Similar Description - MT7605

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
Linear, Fixed Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
Segmented linear constant current LED driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
Linear buck LED constant current driver
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com