Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2425WD Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BK2425WD
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425WD Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BK2425WD Datasheet HTML 17Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 18Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 19Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 20Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 21Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 22Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 23Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 24Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 21 of 30
7.2
Register Bank 1
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description
00
31:0
0
W
Must write with 0x404B01E2
01
31:0
0
W
Must write with 0xC04B0000
02
31:0
0
W
Must write with 0xD0FC8C02
03
31:0
0x
03001200
W
Must write with 0x99003921
04
31:0
0
W
Must write with
1Msps
0xF996821B
2Msps: 0xF99682DB
250ksps
0xF9968ADB
For single carrier mode:0xF9968221
05
31:0
0
W
Must write with
1Msps
0x24060FA6(Disable RSSI)
2
Msps
0x 24060FB6(Disable RSSI)
250ksps:0x24060FB6(Disable RSSI)
RSSI_EN
18
0
W
RSSI measurement:
0:Enable
1:Disable
06
31:0
0
W
Reserved
07
31:0
0
W
Reserved
RBANK
7
R
Register bank selection states. Switch
register bank is done by SPI command
“ACTIVATE” followed by 0x53
0: Register bank 0
1: Register bank 1
08
Chip ID
31:0
0
R
BEKEN Chip ID:
0x00000063(BK2425)
09
0
Reserved
0A
0
Reserved
0B
0
Reserved
0C
31:0
0
W
Please initialize with 0x05731200
For 120us mode:0x00731200
26:24
101
PLL Settling time:
101:130us
000:120us
9
1
Compatible mode:
0:Static compatible
1:Dynamic compatible
0D
NEW_FEATURE
31:0
0
Please initialize with 0x0080B436
0E
RAMP
87:0
NA
W
Ramp curve
Please write with
0x FFFFFEF7CF208104082041
Note: Don’t write reserved registers and no definition registers in register bank 1
Table 5 Register Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com