Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS98O21 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
FS98O21
Rev. 1.7
28/136
4.
Power System
FS98O21 has a special power system that can supply a fixed voltage (3.6V) for CPU and ADC. FS98O21 could
work when the supply voltage is within a specified range, fixed or floating. The power system has 6 function
engines as Voltage Doubler, Voltage Regulator, Analog Bias Circuit, Common Voltage Generator Low
Battery Comparator and Band gap Voltage / Temperature Sensor
. Through the first 4 function engines, the
system can generate 3 Voltage level as VGG = 2VDDP, VDDA = 3.6V, AGND = 1.8V. Please see Figure 4-1.
1.
Voltage Doubler
The acceptable VDD range for FS98O21 is from 2.2V to 3.6V. Voltage Doubler raises the voltage of VGG
to 2 times of VDDP
2. VGG is used as the input of Voltage Regulator. It is from 4.4V to 7.2V. Please see
Section 4.1 for detailed register setting.
2.
Voltage Regulator
The fixed voltage is important when the Analog function is working. Voltage Regulator raises the voltage
of VDDA to fixed 3.6V. Although the input voltage of Voltage Regulator, VGG, is from 4.4V to 7.2V (It
depends on the voltage of VDD), the minimum possible voltage is still higher than 3.6V, so Voltage
Regulator could surely supply VDDA as 3.6V. Please refer to Section 4.2 for detailed register setting.
3.
Analog Bias Circuit
Analog Bias Circuit is used to set VB to 3.6V. VB is used for FS98O21 Analog Function Network. The
user needs to enable Analog Bias Circuit, and then the Analog Functions such as ADC or OPAMP can
work correctly. Please refer to Section 4.3 for detailed register setting.
4.
Common Voltage Generator
FS98O21 sets the analog ground to half VDDA. Please refer to Section 4.4 for detailed register setting.
Figure 4-1 FS98O21 power system block
2 VDDP means the VDD for Charge Pump (Voltage Doubler). User usually connects the VDDP to VDD.
VSSP means the VSS for Charge Pump (Voltage Doubler). User usually connects the VSSP to VSS.
VDD / VDDP
(2.2V~3.6V)
VSS / VSSP
(GND)
Voltage
Doubler
VGG = 2 VDDP
(4.4V~7.2V)
VDDA / VB
(fixed 3.6V)
Voltage
Regulator
Analog Bias
Circuit
AGND = 1/2VDDA
(fixed 1.8V)
Common
Voltage
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com