Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2801 Datasheet(PDF) 10 Page - WORLDSEMI CO., LIMITED

Part # WS2801
Description  3-Channel Constant Current LED Driver With Programmable PWM Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2801 Datasheet(HTML) 10 Page - WORLDSEMI CO., LIMITED

Back Button WS2801 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 9Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 10Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 11Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 12Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 13Page - WORLDSEMI CO., LIMITED WS2801 Datasheet HTML 14Page - WORLDSEMI CO., LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Preliminary WS2801
3-Channel Constant Current
LED Driver With Programmable
PWM Output
10 / 15
WS-Preliminay-V0.3
http://www.world-semi.com
Fig8, Constant Voltage Driving with External Power Switches.
This driving mode is mainly used in high input voltage, high LED driving current (ILED>300mA). Its operating principle is using the
external power NPN switches to driving the LED lamps. The LED driving current can be adjusted by the external current limiting
resistor RL, RL can be derived by the following equation:
LED
CE
LED
DD
L
I
V
V
V
R
−
−
=
------------------------------------------------------------- (2)
The external NPN transistor operates in saturation region, VCE is the saturation voltage, and VCE=0.5~0.8V, the base resistor
RB=2~5K.
Constant Current Driving Mode with External Switches
This driving mode makes WS2801 can drive the cascading LED lamps with extreme low cost, at this mode, POL=’HIGH’ or
floating, see Fig10.
Fig9, Constant current drive with external switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com