Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8844 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS8844
Description  250 mA Low Quiescent Current LDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8844 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8844 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 10Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FS8844
Rev. 1.8
7/10
12. Typical Operating Characteristics
(FS8844-33GC tested, CIN=1.0µF, COUT=1.0µF, TA=+25℃, unless otherwise noted.)
Output Voltage vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
3.5
01
234
5
6
Output Voltage (V)
Output Voltage vs. Output Current
3.2
3.25
3.3
3.35
3.4
3.45
0
20
406080
100
120
140
Output Current (mA)
Output Voltage v.s Temperature(VOUT=3.3V)
3.27
3.28
3.29
3.3
3.31
3.32
3.33
-45
-25
0
25
50
75
100
125
Temperature (℃)
Input Voltage vs. Ground Pin Current
0
0.5
1
1.5
2
2.5
3.5
4
4.55
5.56
6.57
Input Voltage (V)
Dropout Voltage(Vout=3.3V)
0
30
60
90
120
150
20
40
60
80
100
Iload(mA)
125℃
25℃
Quiescient Current v.s Temperature
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-30030
60
90
120
Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com