Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8855 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS8855
Description  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8855 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FS8855
Rev. 2.7
7/14
12. Typical Operating Characteristics
(CIN=1.0µF, COUT=3.3µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3456
7
89
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0
100
200
300
400
500
600
700
800
900
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
POWER SUPPLY REJECTION RATIO vs.
FREQUENCY
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
1020
3040
50
6070
80
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.80
0.90
1.00
1.10
1.20
1.30
1.40
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
GND PIN CURRENT vs. LOAD CURRENT
54
56
58
60
62
64
66
68
1
100
200
300
400
500
600
LOAD CURRENT (mA)
250mA
100mA
1mA
500mA
*EX:Model FS8855-33Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com