Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9168-015 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS9168-015
Description  FS9168 standard code for digital clinical thermometer application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9168-015 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS9168-015 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
12. Program Flow Chart
Power on
(Last power-off status)
All LCD turn on 2 sec
Measurement
Display highest Temp.
Display
“Lo”
Display
“Hi”
> 43℃
< 32℃
Temp. no change
within 6 secs
No
℃ stop glitter.
IF fever alarm is on,
1. <=37.5℃ buzzer: ---Bi–Bi
2. >37.5℃ buzzer: ---BIBIBiBi).
IF fever alarm is off, buzzer: -Bi.
Temp. change
within 5 mins?
Yes
Power off
Temperature
check
(<43℃ or > 32℃)
Yes
Display last Temp. 3 secs.
Show memory mark.
Display “36.5℃”3 secs
No show memory mark.
No
Temp. now > highest temp.
Idle more then 5 mins
Memory?
Yes
No
SENSOR
Calibrate?
Display
“37.00±0.01℃”
1 sec
Yes
Display
“Err”
No
Display mode
(℃ or ℉)
Push button
within 3 sec
℃ , ℉ Switch
Push button
more than 2 sec
Yes
No
Yes
No
Battery
install
Power on
(Initial is for ℃ measurement)
℃
= (5 / 9) × (℉ - 32)
, ℉ = ((9 / 5) × ℃) + 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com