Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9922-DMM4 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9922-DMM4
Description  Integrated Circuits of 6,000 Counts
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9922-DMM4 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9922-DMM4 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9922-DMM4 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
FS9922-DMM4
Rev. 1.4
13/37
10. Keys Definition
RANGE Key
Range key is the Auto/Manual measurement key that acts with trigger. Auto measurement is pre-set as
power-on, and switches to Manual measurement when the key is pressed one time. In Manual measurement
mode, mode will move upward upon each press to the highest mode, then return to the lowest mode as a loop.
If press the key over 2 seconds, the system will switch back to Auto measurement status.
RELΔ/RS232 Key
A. RELΔ Measurement
1) REL△ /RS232 key is the relative value measurement/RS232 communication transmission key that
acts with trigger. Press this key will enter into the relative value measurement mode. The
system will save the display value in the memory as the reference value. When doing the
measurement later, the display value will be the difference value that the entry value deducts the
reference value.
2) REL△ (current reading) = entry value – reference value
3) The relative value measurement can be carried out under the certain measurement mode, i.e., the
function is available only under the Manual Measurement Mode.
4) Press REL△ key will enter into the Manual Measurement Mode automatically.
5) In REL△ measurement status, press the key again, the REL△ function will be relocked.
6) Press the key in HOLD status, HOLD function will be cancelled. The system will save the display
value in the memory as the reference value. When doing the measurement later, the display
value is the difference that the entry value deducts the reference value.
7) Press RANGE, SELECT Key or use Mode Switch will cancel RELΔ measurement mode, and go
back to the normal mode (RELΔwill disappear in the LCD).
8) OL triggering: Under REL△ mode, OL shows when input value larger than the allowed value of
the measurement mode. Press the key again, the relative measurement function will be
cancelled. Disable to enter REL△ mode when OL shows.
9) No analog section bar function under REL△ mode.
B. RS232 Communication Transmission
1) Press REL△ /RS232 key longer than 2 sec. will enter into RS232 and external set communication
status (“RS232” shows in LCD).
2) After starting RS232 function, press REL△ key again longer than 2 sec. RS232 function will be
cancelled.
3) The auto power off function is cancelled in RS232 status, and the signal of “APO” in LCD
disappears.
HOLD/LIGHT Key
HOLD/LIGHT is the reading hold/backlight control key.
A. Reading HOLD
1) Press the key, the display value will be locked and kept unchanged, “HOLD” shows in LCD. Press
the key again, the locked status will be unlocked, and enter into the normal measurement status.
2) HOLD function will be unlocked and go back to the normal status when RANGE, SELECT, REL
Key or Mode Switch is pressed or used.
B. BACK LIGHT CONTROL
1) The backlight control signal will be started when the HOLD key is pressed longer than 2 seconds;
then, press the key again longer than 2 seconds, the backlight control signal will be shut off. If
the HOLD Key is not pressed longer than 2 seconds after the backlight source is started, the light
source will be shut off automatically in 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com