Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9952_LP1 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS9952_LP1 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
FS9952_LP1
Rev. 2.0
4/31
Contents
1.
INTRODUCTION...........................................................................................................................................................5
2.
FEATURES ...................................................................................................................................................................5
3.
USER DEVELOPMENT FUNCTION..............................................................................................................................5
4.
MEASURABLE MODES ...............................................................................................................................................6
5.
APPLICATION FIELD ...................................................................................................................................................6
6.
BLOCK DIAGRAM ........................................................................................................................................................7
7.
PIN DIAGRAM ..............................................................................................................................................................7
8.
PIN DESCRIPTION .......................................................................................................................................................8
9.
DICE PAD LAYOUT & PAD COORDINATE................................................................................................................. 10
10.
TECHNICAL SPECIFICATION (VDD=3V, TA=25℃
℃) ................................................................................................... 12
11.
MEASUREMENT MODE SELECT .............................................................................................................................. 13
12.
KEYS DEFINITION...................................................................................................................................................... 14
13.
OTHER FUNCTIONS .................................................................................................................................................. 15
14.
LCD DISPLAY ............................................................................................................................................................. 16
15.
APPLICATION DESCRIPTION.................................................................................................................................... 18
16.
PACKAGE OUTLINE .................................................................................................................................................. 30
17.
ORDERING INFORMATION........................................................................................................................................ 30
18.
REVISION HISTORY ................................................................................................................................................... 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com