| Electronic Components Datasheet Search |
|
NUC505-YO2G Datasheet(PDF) 70 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2G Datasheet(HTML) 70 Page - Nuvoton Technology Corporation |
|
70 / 130 page ![]() NUC505 July. 26, 2018 Page 70 of 130 Rev.1.08 ─ Banked Stack Pointer (SP). ─ Hardware integer divide instructions, SDIV and UDIV. ─ Handler and Thread modes. ─ Thumb and Debug states. ─ Support for interruptible-continued instructions LDM, STM, PUSH, and POP for low interrupt latency. ─ Automatic processor state saving and restoration for low latency Interrupt Service Routine (ISR) entry and exit. ─ Support for ARMv6 big-endian byte-invariant or little-endian accesses. ─ Support for ARMv6 unaligned accesses. Floating Point Unit (FPU) in the Cortex ® -M4F processor providing: ─ 32-bit instructions for single-precision (C float) data-processing operations. ─ Combined Multiply and Accumulate instructions for increased precision (Fused MAC). ─ Hardware support for conversion, addition, subtraction, multiplication with optional accumulate, division, and square-root. ─ Hardware support for denormals and all IEEE rounding modes. ─ 32 dedicated 32-bit single precision registers, also addressable as 16 double-word registers. ─ Decoupled three-stage pipeline. Nested Vectored Interrupt Controller (NVIC) closely integrated with the processor core to achieve low latency interrupt processing. Features include: ─ External interrupts. Configurable from 1 to 240; the NUC505 has been configured with 32 interrupts. ─ Bits of priority, configurable from bit 3 to bit 7. ─ Dynamic reprioritization of interrupts. ─ Supports priority grouping which enables selection of preempting interrupt levels and non-preempting interrupt levels. ─ Supports tril-chaining and late arrival of interrupts, which enables back-to- back interrupt processing without the overhead of state saving and restoration between interrupts. ─ Processor state automatically saved on interrupt entry, and restored on interrupt exit with on instruction overhead. ─ Supports Wake-up Interrupt Controller (WIC) with Power-down mode. Memory Protection Unit (MPU). An optional MPU for memory protection, including: ─ Eight memory regions. ─ Sub Region Disable (SRD), enabling efficient use of memory regions. ─ The ability to enable a background region that implements the default memory map attributes. Low-cost debug solution that features: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |