Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9952_LP2-GCE Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2-GCE
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2-GCE Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2-GCE Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP2-GCE Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
FS9952_LP2
BONDING PAD LOCATION
※
FSC P/N:FS9952_LP2
※
Package:LQFP64
※
PAD NO:64 pads
※
Die Size:2344×2594μm
2
Pad No
Name
X[μm]
Y[μm]
Pad No
Name
X[μm]
Y[μm]
1
OP2O
86.475
72.000
33
VB
2258.825
2522.000
2
AD1P
329.825
72.000
34
XIN
2029.500
2522.000
3
AD1N
449.825
72.000
35
XOUT
1904.500
2522.000
4
ADP
569.825
72.000
36
CA
1784.500
2522.000
5
SA
689.825
72.000
37
CB
1650.150
2522.000
6
SGND
809.825
72.000
38
VGG
1530.150
2522.000
7
DT
929.825
72.000
39
VDDA
1410.150
2522.000
8
SMV
1049.825
72.000
40
SEG12
1290.150
2522.000
9
CRES1
1169.825
72.000
41
SEG11
1170.150
2522.000
10
RL
1289.825
72.000
42
SEG10
1050.150
2522.000
11
ONEK
1409.825
72.000
43
SEG9
930.150
2522.000
12
TENK
1529.825
72.000
44
SEG8
810.150
2522.000
13
HUNK
1649.825
72.000
45
SEG7
690.150
2522.000
14
ONEM
1769.825
72.000
46
SEG6
570.150
2522.000
15
TENM
1889.825
72.000
47
SEG5
450.150
2522.000
16
MAXH
2009.825
72.000
48
SEG4
330.150
2522.000
17
SELECT1
2258.825
72.000
49
SEG3
86.475
2522.000
18
SELECT
2272.025
508.875
50
SEG2
86.675
2124.800
19
RANGE
2272.025
628.875
51
SEG1
86.675
2004.800
20
HOLD
2272.025
748.875
52
COM1
86.675
1884.800
21
MEA4
2272.025
868.875
53
COM2
86.675
1764.800
22
MEA3
2272.025
988.875
54
COM3
86.675
1644.800
23
MEA2
2272.025
1108.875
55
COM4
86.675
1524.800
24
MEA1
2272.025
1228.875
56
RST
86.675
1389.400
25
MEA0
2272.025
1348.875
57
REFI
86.675
1269.400
26
BLCTR
2272.025
1468.875
58
REFO
86.675
1149.400
27
BLOUT
2272.025
1588.875
59
FTB
86.675
1029.400
28
BEEPER
2272.025
1708.875
60
FTC
86.675
909.400
29
VSS
2272.025
1828.875
61
OP1N
86.675
789.400
30
AGND
2272.025
1948.875
62
OP1O
86.675
669.400
31
VDD
2272.025
2068.875
63
OP2P
86.675
549.400
32
TST
2272.025
2188.875
64
OP2N
86.675
429.400
Rev. 1.2
11/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com