Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2818B Datasheet(PDF) 2 Page - WORLDSEMI CO., LIMITED

Part # WS2818B
Description  Single-line 256 Gray-level 3-channel Constant Current LED Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2818B Datasheet(HTML) 2 Page - WORLDSEMI CO., LIMITED

  WS2818B Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2818B Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WS2818B
Single-line 256 Gray-level 3-channel
Constant Current LED Driver IC
2 / 8
http://www.world-semi.com
PIN configuration
PIN Function
NO.
Symbol
PIN
Function description
1
OUTR
LED Driver Output
Output of RED PWM control
2
OUTG
LED Driver Output
Output of GREEN PWM control
3
OUTB
LED Driver Output
Output of BLUE PWM control
4
DO
Data Output
Data cascade output
5
DIN
Data Input
Control data input
6
GND
Ground
Data & Power Grounding
7
BIN
Backup Data Input
Backup control data input
8
VDD
Power Voltage
IC power supply
Absolute Maximum Ratings (TA=25℃, VSS=0V, unless otherwise noted.)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
+3.5~+5.5
V
Logic input high voltage
VI
VDD-0.7~VDD+0.7
V
Operation Temperature
Topt
-25~+85
℃
Storage Temperature Range
Tstg
-40~150
℃
R/G/B Channel Output Port Withstand Voltage
Vout
12
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com