Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IRSWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA190A2IRSWT
Description  Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA190A2IRSWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA190A2IRSWT Datasheet HTML 7Page - Texas Instruments INA190A2IRSWT Datasheet HTML 8Page - Texas Instruments INA190A2IRSWT Datasheet HTML 9Page - Texas Instruments INA190A2IRSWT Datasheet HTML 10Page - Texas Instruments INA190A2IRSWT Datasheet HTML 11Page - Texas Instruments INA190A2IRSWT Datasheet HTML 12Page - Texas Instruments INA190A2IRSWT Datasheet HTML 13Page - Texas Instruments INA190A2IRSWT Datasheet HTML 14Page - Texas Instruments INA190A2IRSWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Differential Input Voltage (mV)
-110 -90
-70
-50
-30
-10
10
30
50
70
90
110
-100
-80
-60
-40
-20
0
20
40
60
80
100
D039
IBP
IBN
Differential Input Voltage (mV)
-60
-40
-20
0
20
40
60
-25
-15
-5
5
15
25
D047
IBP
IBN
Time (100 Ps/div)
0 V
D037
Supply Voltage
Output Voltage
Time (250 Ps/div)
0 V
D038
Enable
Output
Time (10 Ps/div)
0 V
D036
Supply Voltage
Output Voltage
Time (250 Ps/div)
0 V
D035
Non-inverting Input
Output
11
INA190
www.ti.com
SBOS863C – MARCH 2018 – REVISED APRIL 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, and VREF = VS / 2, VENABLE = VS, and for all gain options (unless otherwise noted)
VS = 5.0 V, A3 devices
Figure 25. Noninverting Differential Input Overload
VS = 5.0 V, A3 devices
Figure 26. Start-Up Response
VS = 5.0 V, A3 devices
Figure 27. Brownout Recovery
VS = 5.0 V, A3 devices
Figure 28. Enable and Disable Response
VS = 5.0 V, VREF = 2.5 V, A1 devices
Figure 29. IB+ and IB– vs Differential Input Voltage
VS = 5.0 V, VREF = 2.5 V, A2, A3, A4, A5 devices
Figure 30. IB+ and IB– vs Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com