Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA191 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA191 Datasheet HTML 17Page - Texas Instruments INA191 Datasheet HTML 18Page - Texas Instruments INA191 Datasheet HTML 19Page - Texas Instruments INA191 Datasheet HTML 20Page - Texas Instruments INA191 Datasheet HTML 21Page - Texas Instruments INA191 Datasheet HTML 22Page - Texas Instruments INA191 Datasheet HTML 23Page - Texas Instruments INA191 Datasheet HTML 24Page - Texas Instruments INA191 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
OUTMIN
MIN
SENSE
V
I
R
GAIN
u
u
SP
SENSE
MAX
V
R
<
I
GAIN
u
ENABL E
VS
OUT
GND
IN+
IN±
LOA D
0.1 F
5 V
12 V
RSENS E ” 1kO
TI-Device
TM
21
INA191
www.ti.com
SLYS020A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Typical Applications
8.2.1 Microamp Current Measurement
The low input bias current of the INA191 provides accurate monitoring of small-value currents. To accurately
monitor currents in the microamp range, increase the value of the sense resistor to increase the sense voltage
so that the error introduced by the offset voltage is small. The circuit configuration to monitor low-value currents
is shown in Figure 40. As a result of the differential input impedance of the INA191, limit the value of RSENSE to 1
kΩ or less for best accuracy.
Figure 40. Measuring Microamp Currents
8.2.1.1 Design Requirements
The design requirements for the circuit shown in Figure 40, are listed in Table 1
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
12 V
Minimum sense current (IMIN)
1 µA
Maximum sense current (IMAX)
150 µA
Device gain (GAIN)
25 V/V
8.2.1.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based choice of gain, value of the maximum
current the be sensed (IMAX), and the power supply voltage (VS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. Using Equation 5, for the given
design parameters the maximum value for RSENSE is calculated to be 1.321 kΩ.
(5)
However, because this value exceeds the maximum recommended value for RSENSE, a resistance value of 1 kΩ
must be used. When operating at the minimum current value, IMIN the output voltage must be greater than the
swing to GND (VSN), specification. For this example, the output voltage at the minimum current is calculated
using Equation 6 to be 25 mV, which is greater than the value for VSN.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com