Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62/18609-01XE-R Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 19 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 19Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 20Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 21Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 22Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The OPA2356-EP is specified for operation from 2.7 to 5.5 V (±1.35 to ±2.75 V); many specifications apply from
–55°C to 125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature
are shown in the Typical Characteristics section.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
Guidelines section.
Power dissipation depends on power-supply voltage, signal, and load conditions. With DC signals, power
dissipation is equal to the product of output current times the voltage across the conducting output transistor,
VS – VO. Minimize power dissipation by using the lowest possible power-supply voltage required to ensure the
required output voltage swing.
For resistive loads, the maximum power dissipation occurs at a DC output voltage of one-half the power-supply
voltage. Dissipation with AC signals is lower.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heat sink. For reliable operation, limit junction temperature to 150°C maximum. To estimate the margin of safety
in a complete design, increase the ambient temperature to trigger the thermal protection at 160°C. The thermal
protection must trigger more than 35°C above the maximum expected ambient condition of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com