Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6926 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM6926
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6926 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM6926 Datasheet HTML 17Page - OKI electronic componets MSM6926 Datasheet HTML 18Page - OKI electronic componets MSM6926 Datasheet HTML 19Page - OKI electronic componets MSM6926 Datasheet HTML 20Page - OKI electronic componets MSM6926 Datasheet HTML 21Page - OKI electronic componets MSM6926 Datasheet HTML 22Page - OKI electronic componets MSM6926 Datasheet HTML 23Page - OKI electronic componets MSM6926 Datasheet HTML 24Page - OKI electronic componets MSM6926 Datasheet HTML 25Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
¡ Semiconductor
MSM6926/6946
21/25
(A) RS/CS delay, (B) CD/ON delay, (C) CD/OFF delay
Note: Supply voltage equals VD for all gates.
*: The desired delay can be realized by selecting the appropriate bits from 4020's outputs.
The number of the bits is not always 3. Each delay can be set differently from built-in delays.
Figure 11 External Delays Connection
RCK
4020
*
(B)
RCK
4020
*
(C)
RCK
4020
*
(A)
VD
VD
RS
CD
CK
Q
Q
D
873.9 Hz
CD1
RS1
CD2
CLK
TS2
RS2
TS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com