Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2331 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TP2331
Description  1.6MHz Bandwidth, Low Noise Precision Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2331 Datasheet(HTML) 5 Page - 3PEAK INC.

  TP2331 Datasheet HTML 1Page - 3PEAK INC. TP2331 Datasheet HTML 2Page - 3PEAK INC. TP2331 Datasheet HTML 3Page - 3PEAK INC. TP2331 Datasheet HTML 4Page - 3PEAK INC. TP2331 Datasheet HTML 5Page - 3PEAK INC. TP2331 Datasheet HTML 6Page - 3PEAK INC. TP2331 Datasheet HTML 7Page - 3PEAK INC. TP2331 Datasheet HTML 8Page - 3PEAK INC. TP2331 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
          
5 
TP2331/TP2332 / TP2334
1.6MHz Bandwidth, Low Noise Precision Op‐amps
www.3peakic.com
Rev. A
Typical Performance Characteristics
VS = ±2.75V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
Common Mode Rejection Ratio
CMRR vs. Frequency
 
               
         
 
Quiescent Current vs. Temperature
Short Circuit Current vs. Temperature
 
                
Power-Supply Rejection Ratio
Quiescent Current vs. Supply Voltage
                
 
0
20
40
60
80
100
120
140
01234
Common Mode Voltage(V)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
0.18
0.185
0.19
0.195
0.2
0.205
‐50
‐25
0
25
50
75
100
125
150
Temperature(℃)
0
20
40
60
80
100
120
140
160
180
‐50
0
50
100
150
Temperature(℃)
ISINK
ISOURCE
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
PSRR+
PSRR-
0
0.05
0.1
0.15
0.2
0.25
1.5
2.5
3.5
4.5
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com