Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC505-YO2N Datasheet(PDF) 110 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 110 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 106Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 107Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 108Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 109Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 110Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 111Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 112Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 113Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 114Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 130 page
background image
NUC505
July. 26, 2018
Page 110 of 130
Rev.1.08
Analog Characteristics
7.4
7.4.1
Specifications of 12-bit SARADC
Symbol
PARAMETER
SPECIFICATIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD_ADC Operating Voltage
2.7
3.3
3.6
V
RADC
Resolution
-
-
12
bit
VREF
Reference Voltage
2
-
AVDD_ADC
V
VIN
ADC input Voltage
0
-
VREF
V
RIN
Analog input impedance
2
M
Ω
FSPS
Sampling Rate
-
-
1M
Hz
ADC Clock = 16MHz
Free Running
Conversion(ADC_CH1)
-
-
200k
Hz
ADC Clock = 3.2MHz
Free Running
Conversion(ADC_CH2,
ADC_CH3, ADC_CH4,
ADC_CH5, ADC_CH6,
ADC_CH7)
EQ
Gain Error (Transfer Gain )
-
-2
-4
LSB
EA
Absolute Error
-
3
-
LSB
INL
Integral Non-linearity Error
-
±3
-
LSB
DNL
Differential Non-linearity Error
-1
-
+1.5
LSB
EO
Offset Error
±1
±3
LSB
SNR
S/N
-
62
-
dB
-
Total Harmonic Distortion
-
62
-
dB
Note:
1.
The performance measurement is in ADC only condition (all other module are in reset statue).
2.
Design by guarantee, no test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com