Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC505-YO2N Datasheet(PDF) 114 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 114 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 110Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 111Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 112Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 113Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 114Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 115Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 116Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 117Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 118Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 130 page
background image
NUC505
July. 26, 2018
Page 114 of 130
Rev.1.08
7.4.4
Specification of Low Voltage Reset
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Condition
VDD
Supply Voltage
0
-
3.6
V
TA
Temperature
-40
25
85
ILVR
Quiescent
Current
-
25
40
uA
VDD=3.3V
VLVR
Threshold
Voltage
2.16
2.4
2.64
V
TA=-45 ~ 85
7.4.5
Specifications of Power-on Reset
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Condition
TA
Temperature
-40
25
85
IPOR
Quiescent
Current
-
33
50
uA
VDD>Reset voltage
VPOR
Reset Voltage
1.6
2
2.4
V
TA=-40 ~ 85
VPOR
VDD Start
Voltage to
Ensure Power-
on Reset
-
-
100
mV
RPVDD
VDD Raising
Rate to Ensure
Power-on
Reset
0.025
-
-
V/ms
tPOR
Minimum Time
for VDD Stays
at VPOR to
Ensure Power-
on Reset
0.5
-
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com