Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP08065G1 Datasheet(PDF) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # MSP08065G1
Description  650V Silicon Carbide Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

MSP08065G1 Datasheet(HTML) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  MSP08065G1 Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065G1 Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065G1 Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TC = 25°C unless otherwise noted
Symbol
Test Conditions
Test Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF=8A, TC=25°C
IF=8A, TC=175°C
-
1.4
1.75
1.8
2.5
V
IR
Reverse Current
VR=650V, TC=25°C
VR=650V, TC=175°C
-
1
15
5
50
μA
VR 400V IF 8A
QC
Total Capacitive Charge
VR =400V, IF =8A
TJ = 25°C
Qc=
-30
-
nC
C
Total Capacitance
VR =0V, TJ = 25°C, f=1MHz
VR =200V, TJ = 25°C, f=1MHz
VR =400V, TJ = 25°C, f=1MHz
-
470
40
32
-
pF
EC
Capacitance Stored Energy
VR=400V
-
6.0
-
μJ
r
0
dv
V
V
C
)
(
EC
Capacitance Stored Energy
μJ
Thermal Characteristics
Symbol
Parameter
Typ
Unit
RθJC
Thermal Resistance from Junction to Case
1.28
℃
/W
/
Typical Characteristics
16
100
8
10
12
14
T
j=25
OC
T
j=75
OC
T
j=125
OC
T
j=175
OC
40
60
80
T
j=25
oC
T
j=75
oC
T
j=125
oC
T
j=175
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
V
F (V)
0
100
200
300
400
500
600
700
800
900
0
20
40
V
R (V)
http://www.meipusen.com
Rev1.0 Feb . 2019
Meipusen Co.,Ltd
page2
Figure 1.Forward Characteristics
Figure 2. Reverse Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com